PART |
Description |
Maker |
EPC1197-1 EPC1197-2 EPC1197-3 EPC1197-6 EPC1197-4 |
500 mW DC/DC Converter
|
PCA ELECTRONICS INC.
|
EPC1196G-X |
500 mW DC/DC Converter
|
PCA ELECTRONICS
|
JYDC-7-1HP |
High Power Directional Coupler 50?/a> 30 to 500 MHz From old datasheet system High Power Directional Coupler 50з 30 to 500 MHz High Power Directional Coupler 50 30 to 500 MHz AC-DC Converter, 75 Watt Input VAC: 90~260, Output VDC: 12, Max Output Current(A): 6.25, Package: U Bracket, Isolation(VDC): 3000, Operating Temp.: -25C to 50C, Low Ripple & Noise, High Efficiency up to 80%, Auto-Recovery, Single Outputs
|
http:// MINI[Mini-Circuits]
|
ADC-309 |
8-BIT, 500 MHz FLASH A/D CONVERTER
|
Murata Power Solutions Inc.
|
NCP5010 NCP5010FCT1G |
500 mW Boost Converter for White LEDs
|
ONSEMI[ON Semiconductor]
|
AP6507 AP6507SP-13 |
500 kHz 18V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
|
Diodes Incorporated
|
IB054E096T48P3-00 IB054E096T48N3-00 IB054E096T48N2 |
5:1 Intermediate Bus Converter Module: Up to 500 W Output
|
Vicor Corporation
|
IB050E120T40N1-00 |
4:1 Intermediate Bus Converter Module: Up to 500 W Output
|
http://
|
1N957B ON0020 1N958B 1N968B 1N965B 1N963B 1N961B |
500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35灏??,10V榻?撼?靛?锛?????绾崇ǔ??????) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,12V齐纳电压,玻璃齐纳稳压二极管) 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,15]V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,20V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,7.5V齐纳电压,玻璃齐纳稳压二极管) From old datasheet system
|
ON Semiconductor
|
TDA8776 TDA8776K |
10-bit, 500 Msps Digital-to-Analog Converter DAC
|
Philips Semiconductors
|